Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

41594B Fiches technique(PDF) 362 Page - Microchip Technology

No de pièce 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Fiches technique(HTML) 362 Page - Microchip Technology

Back Button 41594B Datasheet HTML 358Page - Microchip Technology 41594B Datasheet HTML 359Page - Microchip Technology 41594B Datasheet HTML 360Page - Microchip Technology 41594B Datasheet HTML 361Page - Microchip Technology 41594B Datasheet HTML 362Page - Microchip Technology 41594B Datasheet HTML 363Page - Microchip Technology 41594B Datasheet HTML 364Page - Microchip Technology 41594B Datasheet HTML 365Page - Microchip Technology 41594B Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 362
Preliminary
 2011-2012 Microchip Technology Inc.
RF Output Power
(dBm)
-70, -12, -4,
+2, +9
0, +10
TABLE B-1:
FEATURE COMPARISON
Feature
rfPIC12F675
PIC12LF1840T
48A
Note 1: This device has been designed to perform to the parameters of its data sheet. It has been tested to an
electrical specification designed to determine its conformance with these parameters. Due to process dif-
ferences in the manufacture of this device, this device may have different performance characteristics than
its earlier version. These differences may cause this device to perform differently in your application than
the earlier version of this device.
Note 1: The user should verify that the device oscillator starts and performs as expected. Adjusting the loading
capacitor values and/or the Oscillator mode may be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More