| Moteur de recherche de fiches techniques de composants électroniques |
|
41594B Fiches technique(PDF) 345 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B Fiches technique(HTML) 345 Page - Microchip Technology |
|
345 / 372 page ![]() 2011-2012 Microchip Technology Inc. Preliminary DS41594B-page 345 PIC12LF1840T48A FIGURE 31-17: SPI SLAVE MODE TIMING (CKE = 0) FIGURE 31-18: SPI SLAVE MODE TIMING (CKE = 1) SSx SCKx (CKP = 0) SCKx (CKP = 1) SDOx SDIx SP70 SP71 SP72 SP73 SP74 SP75, SP76 SP77 SP78 SP79 SP80 SP79 SP78 MSb LSb bit 6 - - - - - -1 MSb In bit 6 - - - -1 LSb In SP83 Note: Refer to Figure 31-4 for load conditions. SSx SCKx (CKP = 0) SCKx (CKP = 1) SDOx SDIx SP70 SP71 SP72 SP82 SP74 SP75, SP76 MSb bit 6 - - - - - -1 LSb SP77 MSb In bit 6 - - - -1 LSb In SP80 SP83 Note: Refer to Figure 31-4 for load conditions. |