| Moteur de recherche de fiches techniques de composants électroniques |
|
41594B Fiches technique(PDF) 276 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B Fiches technique(HTML) 276 Page - Microchip Technology |
|
276 / 372 page ![]() PIC12LF1840T48A DS41594B-page 276 Preliminary 2011-2012 Microchip Technology Inc. TABLE 26-3: BAUD RATE FORMULAS TABLE 26-4: SUMMARY OF REGISTERS ASSOCIATED WITH THE BAUD RATE GENERATOR Configuration Bits BRG/EUSART Mode Baud Rate Formula SYNC BRG16 BRGH 00 0 8-bit/Asynchronous FOSC/[64 (n+1)] 00 1 8-bit/Asynchronous FOSC/[16 (n+1)] 01 0 16-bit/Asynchronous 01 1 16-bit/Asynchronous FOSC/[4 (n+1)] 10 x 8-bit/Synchronous 11 x 16-bit/Synchronous Legend: x = Don’t care, n = value of SPBRGH, SPBRGL register pair. Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page BAUDCON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 274 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 273 SPBRGL BRG<7:0> 275* SPBRGH BRG<15:8> 275* TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 272 Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for the Baud Rate Generator. * Page provides register information. |