| Moteur de recherche de fiches techniques de composants électroniques |
|
41594B Fiches technique(PDF) 264 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B Fiches technique(HTML) 264 Page - Microchip Technology |
|
264 / 372 page ![]() PIC12LF1840T48A DS41594B-page 264 Preliminary 2011-2012 Microchip Technology Inc. FIGURE 26-2: EUSART RECEIVE BLOCK DIAGRAM The operation of the EUSART module is controlled through three registers: • Transmit Status and Control (TXSTA) • Receive Status and Control (RCSTA) • Baud Rate Control (BAUDCON) These registers are detailed in Register 26-1, Register 26-2 and Register 26-3, respectively. When the receiver or transmitter section is not enabled then the corresponding RX or TX pin may be used for general purpose input and output. RX/DT pin Pin Buffer and Control SPEN Data Recovery CREN OERR FERR RSR Register MSb LSb RX9D RCREG Register FIFO Interrupt RCIF RCIE Data Bus 8 Stop START (8) 7 1 0 RX9 • • • SPBRGL SPBRGH BRG16 RCIDL FOSC ÷ n n + 1 Multiplier x4 x16 x64 SYNC 1X00 0 BRGH X110 0 BRG16 X101 0 Baud Rate Generator |