| Moteur de recherche de fiches techniques de composants électroniques |
|
41594B Fiches technique(PDF) 256 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B Fiches technique(HTML) 256 Page - Microchip Technology |
|
256 / 372 page ![]() PIC12LF1840T48A DS41594B-page 256 Preliminary 2011-2012 Microchip Technology Inc. TABLE 25-3: SUMMARY OF REGISTERS ASSOCIATED WITH I2C™ OPERATION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on Page INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 83 PIE1 TMR1GIE ADIE RCIE TXIE SSP1IE CCP1IE TMR2IE TMR1IE 84 PIE2 OSFIE — C1IE EEIE BCL1IE — — — 85 PIR1 TMR1GIF ADIF RCIF TXIF SSP1IF CCP1IF TMR2IF TMR1IF 86 PIR2 OSFIF — C1IF EEIF BCL1IF — — — 87 SSP1ADD ADD7 ADD6 ADD5 ADD4 ADD3 ADD2 ADD1 ADD0 262 SSP1BUF Synchronous Serial Port Receive Buffer/Transmit Register 213* SSP1CON1 WCOL SSP1OV SSP1EN CKP SSP1M<3:0> 259 SSP1CON2 GCEN ACKSTAT ACKDT ACKEN RCEN PEN RSEN SEN 260 SSP1CON3 ACKTIM PCIE SCIE BOEN SDAHT SBCDE AHEN DHEN 261 SSP1MSK MSK7 MSK6 MSK5 MSK4 MSK3 MSK2 MSK1 MSK0 262 SSP1STAT SMP CKE D/A P S R/W UA BF 258 TRISA — — TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 113 Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used by the MSSP module in I2C™ mode. * Page provides register information. |