| Moteur de recherche de fiches techniques de composants électroniques |
|
41594B Fiches technique(PDF) 227 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B Fiches technique(HTML) 227 Page - Microchip Technology |
|
227 / 372 page ![]() Receiving Address ACK Receiving Data ACK Receiving Data ACK = 1 A7 A6 A5 A4 A3 A2 A1 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 SDA SCL SSP1IF BF SSP1OV 1 2 3 4 56 78 1 2 3 4 56 78 1 2 3 4 56 78 9 9 9 ACK is not sent. SSP1OV set because SSP1BUF is still full. Cleared by software First byte of data is available in SSP1BUF SSP1BUF is read SSP1IF set on 9th falling edge of SCL Cleared by software P Bus Master sends Stop condition S From Slave to Master |