Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QS0057 Fiches technique(PDF) 6 Page - Zilog, Inc.

No de pièce QS0057
Description  Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

QS0057 Fiches technique(HTML) 6 Page - Zilog, Inc.

  QS0057 Datasheet HTML 1Page - Zilog, Inc. QS0057 Datasheet HTML 2Page - Zilog, Inc. QS0057 Datasheet HTML 3Page - Zilog, Inc. QS0057 Datasheet HTML 4Page - Zilog, Inc. QS0057 Datasheet HTML 5Page - Zilog, Inc. QS0057 Datasheet HTML 6Page - Zilog, Inc. QS0057 Datasheet HTML 7Page - Zilog, Inc. QS0057 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZNEO® Z16F sEriEs Flash miCrOCONTrOllEr
high-pErFOrmaNCE 16-BiT Flash sOluTiON
LIFE SUPPORT POLICY
ZILOG’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS
WITHOUT THE EXPRESS PRIOR WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL COUNSEL OF ZILOG CORPORATION.
As used herein
Life support devices or systems are devices which (a) are intended for surgical implant into the body, or (b) support or sustain life and whose
failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in
a significant injury to the user. A critical component is any component in a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system or to affect its safety or effectiveness.
6
pB019206-0907
16-BiT EmBEddEd Flash sOluTiONs



Html Pages

1 2 3 4 5 6 7 8