Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QS0057 Fiches technique(PDF) 5 Page - Zilog, Inc.

No de pièce QS0057
Description  Z16F Series Flash Microcontroller A 16-bit Single-Cycle CISC MCU Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

QS0057 Fiches technique(HTML) 5 Page - Zilog, Inc.

  QS0057 Datasheet HTML 1Page - Zilog, Inc. QS0057 Datasheet HTML 2Page - Zilog, Inc. QS0057 Datasheet HTML 3Page - Zilog, Inc. QS0057 Datasheet HTML 4Page - Zilog, Inc. QS0057 Datasheet HTML 5Page - Zilog, Inc. QS0057 Datasheet HTML 6Page - Zilog, Inc. QS0057 Datasheet HTML 7Page - Zilog, Inc. QS0057 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZNEO® Z16F sEriEs Flash miCrOCONTrOllEr
high-pErFOrmaNCE 16-BiT Flash sOluTiON
5
Silicon Ordering Information
Order the ZNEO Z16F Flash microcontrollers from your local Zilog sales representative by using the part
numbers below. For more information, or to download product collateral and/or software, please visit us at
www.zilog.com.
part Number
Description/Options
packages
Z16F28XXXX20XX
20 MHz; 128 KB Flash; 4 KB RAM;
80-pin QFP, 100-pin LQFP
Up to 76 I/O; Std/Ext/AutomotiveTemp.
64-pin LQFP, 68-pin PLCC
Z16F64XXXX20XX
20 MHz; 64 KB Flash; 4 KB RAM;
100-pin LQFP, 80-pin QFP
Up to 76 I/O; Std/Ext/AutomotiveTemp.
Z16F32XXXX20XX
20 MHz; 32 KB Flash; 2 KB RAM;
100-pin LQFP, 80-pin QFP
Up to 76 I/O; Std/Ext/AutomotiveTemp.
Note: The ‘X’s’ represented in the part numbers above refer to multiple options available at the time of ordering . The first ‘XX’
denotes device type (available with or without an External Interface); the second ‘XX’ denotes pin count and package. The
final two “XX” placeholders denote temperature options. Contact your local Zilog sales representative for more information
and a complete list of available devices, or visit Zilog’s corporate website at www.zilog.com.
Documentation
The collateral referenced below is just a sample of the documentation available for the ZNEO Z16F Series
of embedded Flash controllers. For a complete listing of all available application notes, product specifica-
tions, user manuals, and sample libraries, please visit us at www.zilog.com.
Document Number
Description
PS0220
ZNEO® Z16F Series Product Specification
QS0057
ZNEO® Z16F Series of Microcontrollers Quick Start Guide
UM0188
ZNEO® CPU User Manual
UM0202
ZNEO® Z16F Series of Microcontrollers Development Kit User Manual
UM0171
Zilog Developer Studio II—ZNEO® User Manual
pB019206-0907
16-BiT EmBEddEd Flash sOluTiONs



Html Pages

1 2 3 4 5 6 7 8