Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS2533P Fiches technique(PDF) 15 Page - ams AG

No de pièce AS2533P
Description  Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS2533P Fiches technique(HTML) 15 Page - ams AG

Back Button AS2533P Datasheet HTML 11Page - ams AG AS2533P Datasheet HTML 12Page - ams AG AS2533P Datasheet HTML 13Page - ams AG AS2533P Datasheet HTML 14Page - ams AG AS2533P Datasheet HTML 15Page - ams AG AS2533P Datasheet HTML 16Page - ams AG AS2533P Datasheet HTML 17Page - ams AG AS2533P Datasheet HTML 18Page - ams AG AS2533P Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
Rev. 7
July 1998
Data Sheet
AS2533...6
Storing Numbers (not AS2534)
P/M
P/M
M1-12
MR
0 - 9
Programme State
Speech circuit muted
LED flashing
#
Programming
Tone Ringer
Melodies
Any invalid key
entry will abort
programme
state
Entries (0-9, *, #, PS or LNR, R1, R2,
R3) will be written directly into the
selected memory location
Key entries different to the procedure will be ignored.
Exit programme mode from each state with on-hook
or with the P/M key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25