Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS2533P Fiches technique(PDF) 10 Page - ams AG

No de pièce AS2533P
Description  Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS2533P Fiches technique(HTML) 10 Page - ams AG

Back Button AS2533P Datasheet HTML 6Page - ams AG AS2533P Datasheet HTML 7Page - ams AG AS2533P Datasheet HTML 8Page - ams AG AS2533P Datasheet HTML 9Page - ams AG AS2533P Datasheet HTML 10Page - ams AG AS2533P Datasheet HTML 11Page - ams AG AS2533P Datasheet HTML 12Page - ams AG AS2533P Datasheet HTML 13Page - ams AG AS2533P Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
+
ZLINE
30
Ω
300
Ω
ZBAL
(10 x ZLINE)
RI
LI
CS
CI
STB
RO
COMFORT
TONES
DTMF
M1
M2
ZSYN
(970
Ω)
ZREF
32.3 x ZREF
–
+
–
+
–
+
20 k
20 k
8 k
80 k
0 dB
–
+
LLC & SC
LLC &
VOLUME
26dB
10dB
23dB
12dB
PRIVACY
MUTE
SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25