Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6480H Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce L6480H
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480H Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button L6480H Datasheet HTML 65Page - STMicroelectronics L6480H Datasheet HTML 66Page - STMicroelectronics L6480H Datasheet HTML 67Page - STMicroelectronics L6480H Datasheet HTML 68Page - STMicroelectronics L6480H Datasheet HTML 69Page - STMicroelectronics L6480H Datasheet HTML 70Page - STMicroelectronics L6480H Datasheet HTML 71Page - STMicroelectronics L6480H Datasheet HTML 72Page - STMicroelectronics L6480H Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
L6480
Package mechanical data
Doc ID 023278 Rev 3
71/73
Figure 25.
HTSSOP38 footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73