Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6480H Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce L6480H
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480H Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button L6480H Datasheet HTML 65Page - STMicroelectronics L6480H Datasheet HTML 66Page - STMicroelectronics L6480H Datasheet HTML 67Page - STMicroelectronics L6480H Datasheet HTML 68Page - STMicroelectronics L6480H Datasheet HTML 69Page - STMicroelectronics L6480H Datasheet HTML 70Page - STMicroelectronics L6480H Datasheet HTML 71Page - STMicroelectronics L6480H Datasheet HTML 72Page - STMicroelectronics L6480H Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
L6480
Programming manual
Doc ID 023278 Rev 3
69/73
9.2.20
GetStatus
The GetStatus command returns the Status register value.
The GetStatus command resets the STATUS register warning flags. The command forces
the system to exit from any error state. The GetStatus command DOES NOT reset the HiZ
flag.
Table 67.
GetStatus command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
11
01
00
00
from host
STATUS MSByte
to host
STATUS LSByte
to host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73