| Moteur de recherche de fiches techniques de composants électroniques |
|
MFPROT_LP Fiches technique(PDF) 26 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
MFPROT_LP Fiches technique(HTML) 26 Page - rfsolutions.ltd |
|
26 / 35 page ![]() ib technology 26 Manufacturer Block The Manufacturer block is the first data block in Sector 0 and it contains the read-only serial number (UID – Unique Identifier) and the IC manufacture information. Byte: 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Data Blocks Mifare sectors contain 3 blocks (1k card) or 15 blocks (upper half of 4k card) of 16 data bytes (except Sector 0 that has Manufacturer Block and 2 data blocks). Data blocks can be configured as standard read/write memory or “Value Blocks” for special electronic-purse operations. “Value Blocks” can use additional commands such as Increment and Decrement for direct control of the data field, they have a fixed data format which permits error detection/correction and backup management. “VALUE” is a signed four byte integer (2’s complement format) and is stored three times, twice non-inverted and once inverted. “ADR” signifies a one byte address that can be used to store the block number. “ADR” is stored four times, twice inverted and twice non-inverted. Data Block Byte: 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Value Block Example format for value = 100 decimal (0x64), at block address 0. (Value data stored LS byte first, ADR = block address, ADR = inverted block address) 0x64 00 00 00 9B FF FF FF 64 00 00 00 00 FF 00 FF Byte: 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Note that the ADR and inverted ADR block address is part of the required format for the Value Data Structure BUT it is not changed by the Inc, Dec or Transfer commands and exists to allow optional storage of block numbers. For general use, the 0x00 address and 0xFF inverted address can be used to satisfy the structure format. The Inc, Dec and Transfer commands first check the structure format before beginning the operations and the commands fail if the format is not correct. Value Data Structures must first be formatted as above using a WRITE Block command before INC, DEC or TRANSFER commands can be used. Serial Number (UID) Manufacturer data (xxxxxxx0) MSB LSB Check Byte 16 bytes of read/write memory for general use. Value Inverted Value Value ADR ADR ADR ADR |