| Moteur de recherche de fiches techniques de composants électroniques |
|
MFPROT_LP Fiches technique(PDF) 25 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
MFPROT_LP Fiches technique(HTML) 25 Page - rfsolutions.ltd |
|
25 / 35 page ![]() ib technology 25 Mifare 4k (4096 byte) Memory Map The lower 2048 bytes of the 4k card (sectors 0 – 31) are organised in the same way as the 1k card. However the upper 2048 bytes are organised as eight large sectors of 16 blocks each (sectors 32 – 39). Taking into account the Serial Number/Manufacturers Block and the Sector Trailer Blocks then there are 3440 bytes of free memory for user storage. Serial number + Manufacturer Information KeyA, Access bits, KeyB KeyA, Access bits, KeyB KeyA, Access bits, KeyB Sector 0 (4 Blocks) Sector 1 16 byte Block Byte 0 Byte 15 Block 0 (0x00) Sector 39 (16 Blocks) Block 4 (0x04) Block 224 (0xE0) Block 3 (0x03) Block 7 (0x07) Block 255 (0xFF) (Upper 2k bytes, sectors 32 - 39 arranged as 8 x 16 block sectors) (Lower 2k bytes, sectors 0-31 arranged as 32 x 4 block sectors) 40 separate Sectors with individual Authentication and access control. |