Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPROT Fiches technique(PDF) 10 Page - rfsolutions.ltd

No de pièce EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFSOLUTIONS [rfsolutions.ltd]
Site Internet  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Fiches technique(HTML) 10 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 6Page - rfsolutions.ltd EMPROT Datasheet HTML 7Page - rfsolutions.ltd EMPROT Datasheet HTML 8Page - rfsolutions.ltd EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd EMPROT Datasheet HTML 11Page - rfsolutions.ltd EMPROT Datasheet HTML 12Page - rfsolutions.ltd EMPROT Datasheet HTML 13Page - rfsolutions.ltd EMPROT Datasheet HTML 14Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ib technology
10
Program EEPROM
The Micro RWD has internal EEPROM memory for storing system parameters such as
polling rate and authorised identity codes (serial numbers). This command sequence allows
individual bytes of the EEPROM to be programmed with new data. The data is internally read
back after programming to verify successful operation. Note that due to the fundamental
nature of these system parameters, incorrect data may render the system temporarily
inoperable.
B7
B0
Command:
0 1 0 1 0 0 0 0
(Ascii “P”, 0x50)
Argument1:
N N N N N N N N
(N = EEPROM memory location 0 - 255)
Argument2:
D D D D D D D D
(D = data to write to EEPROM)
Acknowledge:
1 X X X F X X F
(F = Status flags)
Internal EEPROM memory map
Polling delay parameter values (EEPROM location 0):
Parameter 0 value
Polling Delay
SLEEP Period
0x00
0 mS
0x10
8 mS
0x20
16 mS
0x30
32 mS
0x40
65 mS
0x50
132 mS
0x60
262 mS
0x70
524 mS
0x80
1 second
0x90
2 seconds
0xA0
4 seconds
0xB0
8 seconds
Polling delay can be set from 0 to 8 seconds to give complete control over current
consumption and battery life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17