Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMPROT Fiches technique(PDF) 9 Page - rfsolutions.ltd

No de pièce EMPROT
Description  Micro RWD EM4102 Low Power Version
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFSOLUTIONS [rfsolutions.ltd]
Site Internet  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMPROT Fiches technique(HTML) 9 Page - rfsolutions.ltd

Back Button EMPROT Datasheet HTML 5Page - rfsolutions.ltd EMPROT Datasheet HTML 6Page - rfsolutions.ltd EMPROT Datasheet HTML 7Page - rfsolutions.ltd EMPROT Datasheet HTML 8Page - rfsolutions.ltd EMPROT Datasheet HTML 9Page - rfsolutions.ltd EMPROT Datasheet HTML 10Page - rfsolutions.ltd EMPROT Datasheet HTML 11Page - rfsolutions.ltd EMPROT Datasheet HTML 12Page - rfsolutions.ltd EMPROT Datasheet HTML 13Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ib technology
9
Read EM4102 Tag
Command to read 5 bytes of data from EM4102 memory array. If the read was successful,
indicated by acknowledge status flags then five bytes of tag data follow.
B7
B0
Command:
0 1 0 1 0 0 1 0
(0x52)
Argument1:
x x x x x x
x x
(Dummy Page number e.g 00)
Acknowledge:
1 1 F F F F F X
(F = Status flags)
Data only follows if read was successful
Reply1:
D D D D D D D D
(D = msb data read from EM4102)
Reply2:
D D D D D D D D
Reply3:
D D D D D D D D
Reply4:
D D D D D D D D
Reply5:
D D D D D D D D
(D = lsb data read from EM4102)
Note that for the Read Tag command, if an error flag has been set in the Acknowledge code
then there will be NO following data.
Tag STATUS
Command to return Tag status.
The acknowledge byte flags indicate general Tag status.
B7
B0
Command:
0 1 0 1 0 0 1 1
(0x53)
Acknowledge:
1 1 F F F F F X
(F = Status flags)
Message
Command to return product and firmware identifier string to host.
B7
B0
Command:
0 1 1 1 1 0 1 0
(0x7A)
Reply:
“c IDE RD MC200/H400x (SECM200C_WAX_LP V1.xx) DD/MM/YY” 0x00
Returned string identifies author, product descriptor, project name, firmware version number
and date of last software change. Note that the string is always NULL terminated. The string
begins with a unique lower case character that can be used to identify a particular version of
Micro RWD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17