| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP35C Fiches technique(PDF) 2 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP35C Fiches technique(HTML) 2 Page - Comset Semiconductor |
|
2 / 4 page ![]() NPN TIP35-A-B-C 04/10/2012 COMSET SEMICONDUCTORS 2 | 4 SEMICONDUCTORS ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit IB Base Current TIP35 5 A TIP35A TIP35B TIP35C PC Power Dissipation @ Tc < 25° TIP35 125 Watts TIP35A TIP35B TIP35C @ Ta < 25° TIP35 3.5 TIP35A TIP35B TIP35C TJ Junction Temperature TIP35 150 °C TIP35A TIP35B TIP35C Ts Storage Temperature range TIP35 -65 to +150 TIP35A TIP35B TIP35C THERMAL CHARACTERISTICS Symbol Ratings Value Unit RthJ-MB From junction to mounting base TIP35 1 °C/W TIP35A TIP35B TIP35C RthJ-A From junction to ambient in free air TIP35 35.7 °C/W TIP35A TIP35B TIP35C |