| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP35C Fiches technique(PDF) 1 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP35C Fiches technique(HTML) 1 Page - Comset Semiconductor |
|
1 / 4 page ![]() NPN TIP35-A-B-C 04/10/2012 COMSET SEMICONDUCTORS 1 | 4 SEMICONDUCTORS SILICON POWER TRANSISTORS They are PNP power transistors mounted in jedec TO-3PN. They are intended for use in general purpose power amplifier and switching applications. PNP complements are TIP36-A-B-C Compliance to RoHS. ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit VCBO Collector-Base Voltage TIP35 40 V TIP35A 60 TIP35B 80 TIP35C 100 VCEO Collector-Emitter Voltage TIP35 40 V TIP35A 60 TIP35B 80 TIP35C 100 VEBO Emitter-Base Voltage TIP35 5 V TIP35A TIP35B TIP35C IC Collector Current TIP35 25 A TIP35A TIP35B TIP35C ICM Collector Peak Current TIP35 40 A TIP35A TIP35B TIP35C |
Numéro de pièce similaire - TIP35C |
|
Description similaire - TIP35C |