| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP41 Fiches technique(PDF) 2 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP41 Fiches technique(HTML) 2 Page - Comset Semiconductor |
|
2 / 4 page ![]() NPN TIP41-A-B-C 04/10/2012 COMSET SEMICONDUCTORS 2 | 4 SEMICONDUCTORS ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit IB Base Current TIP41 2 A TIP41A TIP41B TIP41C PC Power Dissipation @ Tc < 25° TIP41 65 Watts TIP41A TIP41B TIP41C @ Ta < 25° TIP41 2 TIP41A TIP41B TIP41C TJ Junction Temperature TIP41 150 °C TIP41A TIP41B TIP41C Ts Storage Temperature range TIP41 -65 to +150 TIP41A TIP41B TIP41C THERMAL CHARACTERISTICS Symbol Ratings Value Unit RthJ-MB From junction to mounting base TIP41 1.92 °C/W TIP41A TIP41B TIP41C RthJ-A From junction to ambient in free air TIP41 62.5 °C/W TIP41A TIP41B TIP41C |