| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP41 Fiches technique(PDF) 1 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP41 Fiches technique(HTML) 1 Page - Comset Semiconductor |
|
1 / 4 page ![]() NPN TIP41-A-B-C 04/10/2012 COMSET SEMICONDUCTORS 1 | 4 SEMICONDUCTORS SILICON POWER TRANSISTORS They are epitaxial-base NPN power transistors mounted in jedec TO-220 plastic package. They are intended for use in medium power linear and switching applications. PNP complements are TIP42-A-B-C Compliance to RoHS. ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit VCBO Collector-Base Voltage TIP41 40 V TIP41A 60 TIP41B 80 TIP41C 100 VCEO Collector-Emitter Voltage TIP41 40 V TIP41A 60 TIP41B 80 TIP41C 100 VEBO Emitter-Base Voltage TIP41 5 V TIP41A TIP41B TIP41C IC Collector Current TIP41 6 A TIP41A TIP41B TIP41C ICM Collector Peak Current TIP41 10 A TIP41A TIP41B TIP41C |
Numéro de pièce similaire - TIP41 |
|
Description similaire - TIP41 |