| Moteur de recherche de fiches techniques de composants électroniques |
|
22017-2 Fiches technique(PDF) 12 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017-2 Fiches technique(HTML) 12 Page - ITT Industries |
|
12 / 120 page ![]() ARINC 600 BKAD/E/F Contact Arrangements - Shell Sizes 2 and 3 12 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change BKAF - Available Receptacle Shell ONLY (Front Release) SHELL CAVITY A, B, D, E, BKAF - Available Receptacle Shell ONLY (Front Release) SHELL CAVITY C, F ** Pending ARINC release. NOTE #22 CONTACTS ARE SOCKETS, 20HD,16, 12 ARE PIN CONTACTS. (For Contacts Cavity Location and Contact Cavity Identification refer to ARINC 600 or Consult Factory) ENGAGING END SURFACE WHITE ON RED TO INDICATE FRONT RELEASE FRONT REMOVAL CONTACTS FOR INSERTS CONTAINING STANDARD SIGNAL & POWER CONTACTS ENGAGING END SURFACE WHITE ON RED TO INDICATE FRONT RELEASE, FRONT REMOVAL CONTACTS FOR INSERTS CONTAINING STANDARD SIGNAL & POWER CONTACTS 71W1 70 #22 150 150 #22 6T6** 6 #8 TRIAX 13W2 4 #20 3 #16 4 #12 2 #5 COAX 100 100 #22 71W1B 70 #22 10T10** 10 #8 121F** 110 #22 6 #20 5 #16 |