Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

22017-2 Fiches technique(PDF) 90 Page - ITT Industries

No de pièce 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Fiches technique(HTML) 90 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 86Page - ITT Industries 22017-2 Datasheet HTML 87Page - ITT Industries 22017-2 Datasheet HTML 88Page - ITT Industries 22017-2 Datasheet HTML 89Page - ITT Industries 22017-2 Datasheet HTML 90Page - ITT Industries 22017-2 Datasheet HTML 91Page - ITT Industries 22017-2 Datasheet HTML 92Page - ITT Industries 22017-2 Datasheet HTML 93Page - ITT Industries 22017-2 Datasheet HTML 94Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 120 page
background image
Mounting Styles
Figure 1.
Figure 2.
Figure 3.
PG, SG
PC, PF, SF,
SX, PX, SK
Mounting Styles
Mounting Styles
MIL-C-83733
Part No./
Mounting Style
DPK
Mounting
Styles
Figure
Ref.
Shell
Size A
A
±
.004(± 0.10)
B
±
.005(± 0.13)
D
±
.005(± 0.13)
E
12
E
Shell
Size B
Shell
Size A
Shell
Size B
Shell
Size A
Shell
Size B
Shell
Size A
Shell
Size B
Shell
Size A
Shell
Size B
SH, SM
PM, PH, PZ
M83733/1/5/6
M83733/2
M83733/3
M83733/4
M8733/7
M83733/8
M83733/9/10/11
M83733/12
N/A
1
1
1
1
1
1
2
3
1
2.578
(65.48)
2.578
(65.48)
2.578
(65.48)
2.578
(65.48)
2.578
(65.48)
2.578
(65.48)
2.578
(65.48)
2.578
(65.48)
2.578
(65.48)
3.875
(98.43)
3.875
(98.43)
3.875
(98.43)
3.875
(98.43)
3.875
(98.43)
3.875
(98.43)
3.875
(98.43)
3.875
(98.43)
3.875
(98.43)
2.103
(51.13)
2.103
(51.13)
2.103
(51.13)
2.167
(55.04)
2.167
(55.04)
2.167
(55.04)
2.167
(55.04)
2.095
(53.21)
2.103
(51.13)
3.400
(86.36)
3.465
(88.01)
3.465
(88.01)
3.465
(88.01)
3.465
(88.01)
3.465
(88.01)
3.465
(88.01)
3.400
(86.36)
3.465
(88.01)
1.022
(25.96)
1.022
(25.96)
1.022
(25.96)
1.095
(27.81)
1.095
(27.81)
1.095
(27.81)
1.095
(27.81)
1.095
(27.81)
1.022
(25.96)
1.022
(25.96)
1.095
(27.81)
1.095
(27.81)
1.095
(27.81)
1.095
(27.81)
1.095
(27.81)
1.022
(25.96)
1.095
(27.81)
1.095
(27.81)
.148 (3.76)
.144 (3.66)
.148 (3.76)
.144 (3.66)
.320 (8.13)
.315 (8.00)
.148 (3.76)
.144 (3.66)
.148 (3.76)
.144 (3.66)
.430 (10.92)
.420 (10.67)
-
-
.301 (7.65)
.294 (7.45)
.148 (3.76)
.144 (3.66)
.148 (3.76)
.144 (3.66)
.320 (8.13)
.315 (8.00)
.148 (3.76)
.144 (3.66)
.148 (3.76)
.144 (3.66)
.430 (10.92)
.420 (10.67)
-
-
.301 (7.65)
.294 (7.45)
.148 (3.76)
.144 (3.66)
.430 (10.92)
.420 (10.67)
.148 (3.76)
.144 (3.66)
.148 (3.76)
.144 (3.66)
.430 (10.92)
.420 (10.67)
.148 (3.76)
.144 (3.66)
-
-
.301 (7.65)
.294 (7.45)
.148 (3.76)
.144 (3.66)
.430 (10.92)
.420 (10.67)
.148 (3.76)
.144 (3.66)
.148 (3.76)
.144 (3.66)
.430 (10.92)
.420 (10.67)
.148 (3.76)
.144 (3.66)
-
-
.301 (7.65)
.294 (7.45)
PG, SG,
PC, PF,SF
SX
PX
SK
SY
PY
PM, PH
PZ
SH, SM
S*A, S*B,
P*A, P*B
SY,PY
S*A, S*B
P*A, P*B
A
A
A
B
B
B
D
E
2
2
1
1
E
E
E
.562 ± .004
(14.28 ± 0.10)
.562 ± .004
(14.28 ± 0.10)
.562 ± .004
(14.28 ± 0.10)
1.095 ± .005
(27.81 ± 0.13)
1.095 ± .005
(27.81 ± 0.13)
.109 (2.77) MIN.
.109 MIN.
(2.77)
.060 ± .010 RAD.
(1.57 ± 0.25) TYP.
4 PLACES
.060 ± .010 RAD.
(1.57 ± 0.25) TYP.
4 PLACES
.060 ± .010 RAD.
(1.57 ± 0.25) TYP.
4 PLACES
.146 ± .002 (3.71 ± 0.05) DIA
THRU C'SUNK
100 ± 1 To .280 ± .005 (7.11 ± 0.13) DIA
2 PLACES
.146 ± .002 (3.71 ± 0.05) DIA
THRU C'SUNK
100 ± 1 To .280 ± .005 (7.11 ± 0.13) DIA
2 PLACES
MIL-C-83733
DPK
Panel Cutout Dimensions
90
www.ittcannon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More