Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAMMP3C3PJ Fiches technique(PDF) 89 Page - ITT Industries

No de pièce DAMMP3C3PJ
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP3C3PJ Fiches technique(HTML) 89 Page - ITT Industries

Back Button DAMMP3C3PJ Datasheet HTML 85Page - ITT Industries DAMMP3C3PJ Datasheet HTML 86Page - ITT Industries DAMMP3C3PJ Datasheet HTML 87Page - ITT Industries DAMMP3C3PJ Datasheet HTML 88Page - ITT Industries DAMMP3C3PJ Datasheet HTML 89Page - ITT Industries DAMMP3C3PJ Datasheet HTML 90Page - ITT Industries DAMMP3C3PJ Datasheet HTML 91Page - ITT Industries DAMMP3C3PJ Datasheet HTML 92Page - ITT Industries DAMMP3C3PJ Datasheet HTML 93Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
88
D Subminiature
Combo D
Insertion/Extraction Instructions for Coaxial, High Power and High Voltage Contacts
Insertion Tool
No insertion tool is required. The contact is easily
snapped in from the rear of the connector
manually.
Extraction Tool
The CET-C6B-2 tool extracts all coaxial, high
power and high voltage contacts (plug and
receptacle).
Description
Part Number
CET-C6B-2
070064-0002
Operating Instructions
To extract the coaxial contact, hold the tool by the
body and insert the tip into the front of the contact
cavity until it bottoms and closes the coaxial
retaining ring. Holding the body in this position
CET-C6B-2
securely enough to keep coaxial retaining ring
closed, push the plunger; contact will be pushed
out of the rear of the assembly.
Insertion Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More