| Moteur de recherche de fiches techniques de composants électroniques |
|
DAMMP3C3PJ Fiches technique(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMP3C3PJ Fiches technique(HTML) 5 Page - ITT Industries |
|
5 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 4 D Subminiature D*NG Straight Pressfit Termination Mounting Types Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) Part Numbers Shell Size Layout Through Hole Clinch Nut # 4-40 UNC Clinch Nut M3 Press-In Bolt # 4-40 UNC Press-In Bolt M3 DE 9 DENG9P-P1 DENGE9P-P1 DENGX9P-P1 DENGZ9P-P1 DENGL9P-P1 DA 15 DANG15P-P1 DANGE15P-P1 DANGX15P-P1 DANGZ15P-P1 DANGL15P-P1 DB 25 DBNG25P-P1 DBNGE25P-P1 DBNGX25P-P1 DBNGZ25P-P1 DBNGL25P-P1 DC 37 DCNG37P-P1 DCNGE37P-P1 DCNGX37P-P1 DCNGZ37P-P1 DCNGL37P-P1 DD 50 DDNG50P-P1 DDNGE50P-P1 DDNGX50P-P1 DDNGZ50P-P1 DDNGL50P-P1 Note: For performance class 1 (gold over PdNi finish) add -408. Example: DENG9P-P1-408. Through Hole Clinch Nut Press-In Bolt Plug Engaging Face DD Configuration Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 2-3. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. 2,15 (.085) MAX 2,84 (.112) 5,69 (.224) 2,84 (.112) 2,15 (.085) MAX D E B C A 10 ° 1 23 4 5 6 7 8 910 11 12 13 14 15 5,70 ± 0,20 (.224 ± .008) 6,00 - 0,25 (.236 - .010) 5,60 (.220) MAX |