| Moteur de recherche de fiches techniques de composants électroniques |
|
DAMMP3C3PJ Fiches technique(PDF) 165 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMP3C3PJ Fiches technique(HTML) 165 Page - ITT Industries |
|
165 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 164 D Subminiature Military/High Reliability High Voltage Straight PCB (Size DD) Part Numbers with Standoff #4-40 UNC Shell Size Layout Part Number Without Screw Locks Without Boardlocks Part Number Without Screw Locks With Boardlocks Part Number With Screw Locks With Boardlocks DD 24W7 DDMMV24V7PN DDMMZ24V7PN DDMMN24V7PN DD 36W4 DDMMV36V4PN DDMMZ36V4PN DDMMN36V4PN DD 43W2 DDMMV43V2PN DDMMZ43V2PN DDMMN43V2PN DD 47W1 DDMMV47V1PN DDMMZ47V1PN DDMMN47V1PN Dimensions Plug Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,41 (.016) L ±0,25 (.010) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) 6,84 (.269) 0,99 (.039) Plug Engaging Face Hardware and high voltage contact removed for clarity. Reader’s Resource For contact cavity arrangements, see page 222. For P.C. hole patterns, see page 256. For panel cutouts, see page 221. For hardware views (Standard), see page 226. 10 ° A C E D B SCREW LOCK #4-40 UNC 7,62 ± 0,25 (.300 ± .010) Ø 0,76 (.030) STANDOFF #4-40 UNC BOARDLOCK 4,52 (.178) 2,92 (.115) 6,50 ± 0,25 (.256 ± .010) 5,69 (.224) 2,84 (.112) L F W |