Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F205VG Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STM32F205VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VG Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STM32F205VG Datasheet HTML 31Page - STMicroelectronics STM32F205VG Datasheet HTML 32Page - STMicroelectronics STM32F205VG Datasheet HTML 33Page - STMicroelectronics STM32F205VG Datasheet HTML 34Page - STMicroelectronics STM32F205VG Datasheet HTML 35Page - STMicroelectronics STM32F205VG Datasheet HTML 36Page - STMicroelectronics STM32F205VG Datasheet HTML 37Page - STMicroelectronics STM32F205VG Datasheet HTML 38Page - STMicroelectronics STM32F205VG Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 177 page
background image
STM32F20xxx
Pinouts and pin description
Doc ID 15818 Rev 9
35/177
3
Pinouts and pin description
Figure 8.
STM32F20x LQFP64 pinout
Figure 9.
STM32F20x WLCSP64+2 ballout
1.
Top view.
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VBAT
PC14-OSC32_IN
PC15-OSC32_OUT
NRST
PC0
PC1
PC2
PC3
VSSA
VDDA
PA0-WKUP
PA1
PA2
VDD_2
VCAP_2
PA13
PA12
PA11
PA10
PA9
PA8
PC9
PC8
PC7
PC6
PB15
PB14
PB13
PB12
LQFP64
ai15969b
PC13-RTC_AF1
PH0-OSC_IN
PH1-OSC_OUT
12
3
8
A
PA14
PA15
PC12
PB3
PB5
PB7
PB9
VDD_2
B
PA13
PC10
PB4
PB6
BOOT0
PB8
PC13
C
PA12
VCAP_2
PC11
PD2
IRROFF
D
PC9
PA11
PA10
PC2
E
PA8
PA9
F
PC7
PC8
G
PB15
PC6
PC5
PA3
PC3
H
PB14
PB13
PB10
PC4
J
PB12
PB11
VCAP_1
PB2
PB0
PA7
PA4
ai18470b
45
6
7
9
V
BAT
VSS_2
PC14
PC15
VSS_3
VDD_3
VDD_4
PA0
NRST
PH0-
OSC_IN
VSS_4
VREF+
PC1
PH1-
OSC_OUT
PC0
PA6
PA5
REGOFF
PA1
VSS_5
PB1
PA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More