Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F205VG Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce STM32F205VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VG Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button STM32F205VG Datasheet HTML 52Page - STMicroelectronics STM32F205VG Datasheet HTML 53Page - STMicroelectronics STM32F205VG Datasheet HTML 54Page - STMicroelectronics STM32F205VG Datasheet HTML 55Page - STMicroelectronics STM32F205VG Datasheet HTML 56Page - STMicroelectronics STM32F205VG Datasheet HTML 57Page - STMicroelectronics STM32F205VG Datasheet HTML 58Page - STMicroelectronics STM32F205VG Datasheet HTML 59Page - STMicroelectronics STM32F205VG Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 177 page
background image
PF15
FSMC_A9
EVENTOUT
PG0
FSMC_A10
EVENTOUT
PG1
FSMC_A11
EVENTOUT
PG2
FSMC_A12
EVENTOUT
PG3
FSMC_A13
EVENTOUT
PG4
FSMC_A14
EVENTOUT
PG5
FSMC_A15
EVENTOUT
PG6
FSMC_INT2
EVENTOUT
PG7
USART6_CK
FSMC_INT3
EVENTOUT
PG8
USART6_RTS
ETH _PPS_OUT
EVENTOUT
PG9
USART6_RX
FSMC_NE2/
FSMC_NCE3
EVENTOUT
PG10
FSMC_NCE4_1/
FSMC_NE3
EVENTOUT
PG11
ETH _MII_TX_EN
ETH _RMII_TX_EN
FSMC_NCE4_2
EVENTOUT
PG12
USART6_RTS
FSMC_NE4
EVENTOUT
PG13
UART6_CTS
ETH _MII_TXD0
ETH _RMII_TXD0
FSMC_A24
EVENTOUT
PG14
USART6_TX
ETH _MII_TXD1
ETH _RMII_TXD1
FSMC_A25
EVENTOUT
PG15
USART6_CTS
DCMI_D13
EVENTOUT
PH0 - OSC_IN
PH1 - OSC_OUT
PH2
ETH _MII_CRS
EVENTOUT
PH3
ETH _MII_COL
EVENTOUT
PH4
I2C2_SCL
OTG_HS_ULPI_NXT
EVENTOUT
PH5
I2C2_SDA
EVENTOUT
PH6
I2C2_SMBA
TIM12_CH1
ETH _MII_RXD2
EVENTOUT
PH7
I2C3_SCL
ETH _MII_RXD3
EVENTOUT
PH8
I2C3_SDA
DCMI_HSYNC
EVENTOUT
PH9
I2C3_SMBA
TIM12_CH2
DCMI_D0
EVENTOUT
PH10
TIM5_CH1
DCMI_D1
EVENTOUT
PH11
TIM5_CH2
DCMI_D2
EVENTOUT
PH12
TIM5_CH3
DCMI_D3
EVENTOUT
PH13
TIM8_CH1N
CAN1_TX
EVENTOUT
Table 8.
Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3
SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More