Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F205RB Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 39Page - STMicroelectronics STM32F205RB Datasheet HTML 40Page - STMicroelectronics STM32F205RB Datasheet HTML 41Page - STMicroelectronics STM32F205RB Datasheet HTML 42Page - STMicroelectronics STM32F205RB Datasheet HTML 43Page - STMicroelectronics STM32F205RB Datasheet HTML 44Page - STMicroelectronics STM32F205RB Datasheet HTML 45Page - STMicroelectronics STM32F205RB Datasheet HTML 46Page - STMicroelectronics STM32F205RB Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 177 page
background image
STM32F20xxx
Pinouts and pin description
Doc ID 15818 Rev 9
43/177
28 J4
37 48 58 M6
PB2
I/O FT PB2-BOOT1
EVENTOUT
-
-
-
49 59
R6
PF11
I/O FT
PF11
DCMI_12/ EVENTOUT
-
-
-
50 60
P6
PF12
I/O FT
PF12
FSMC_A6/ EVENTOUT
--
-
51 61 M8
VSS_6
SVSS_6
--
-
52 62
N8
VDD_6
SVDD_6
-
-
-
53 63
N6
PF13
I/O FT
PF13
FSMC_A7/ EVENTOUT
-
-
-
54 64
R7
PF14
I/O FT
PF14
FSMC_A8/ EVENTOUT
-
-
-
55 65
P7
PF15
I/O FT
PF15
FSMC_A9/ EVENTOUT
-
-
-
56 66
N7
PG0
I/O FT
PG0
FSMC_A10/ EVENTOUT
-
-
-
57 67 M7
PG1
I/O FT
PG1
FSMC_A11/ EVENTOUT
-
-
38 58 68
R8
PE7
I/O FT
PE7
FSMC_D4/TIM1_ETR/
EVENTOUT
-
-
39 59 69
P8
PE8
I/O FT
PE8
FSMC_D5/TIM1_CH1N/
EVENTOUT
-
-
40 60 70
P9
PE9
I/O FT
PE9
FSMC_D6/TIM1_CH1/
EVENTOUT
--
-
61 71 M9
VSS_7
SVSS_7
--
-
62 72
N9
VDD_7
SVDD_7
-
-
41 63 73
R9
PE10
I/O FT
PE10
FSMC_D7/TIM1_CH2N/
EVENTOUT
-
-
42 64 74 P10
PE11
I/O FT
PE11
FSMC_D8/TIM1_CH2/
EVENTOUT
-
-
43 65 75 R10
PE12
I/O FT
PE12
FSMC_D9/TIM1_CH3N/
EVENTOUT
-
-
44 66 76 N11
PE13
I/O FT
PE13
FSMC_D10/TIM1_CH3/
EVENTOUT
-
-
45 67 77 P11
PE14
I/O FT
PE14
FSMC_D11/TIM1_CH4/
EVENTOUT
-
-
46 68 78 R11
PE15
I/O FT
PE15
FSMC_D12/TIM1_BKIN/
EVENTOUT
29 H3 47 69 79 R12
PB10
I/O FT
PB10
SPI2_SCK/ I2S2_SCK/
I2C2_SCL / USART3_TX /
OTG_HS_ULPI_D3 /
ETH_MII_RX_ER /
TIM2_CH3/ EVENTOUT
Table 6.
STM32F20x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More