Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F205RB Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 38Page - STMicroelectronics STM32F205RB Datasheet HTML 39Page - STMicroelectronics STM32F205RB Datasheet HTML 40Page - STMicroelectronics STM32F205RB Datasheet HTML 41Page - STMicroelectronics STM32F205RB Datasheet HTML 42Page - STMicroelectronics STM32F205RB Datasheet HTML 43Page - STMicroelectronics STM32F205RB Datasheet HTML 44Page - STMicroelectronics STM32F205RB Datasheet HTML 45Page - STMicroelectronics STM32F205RB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 177 page
background image
Pinouts and pin description
STM32F20xxx
42/177
Doc ID 15818 Rev 9
17 G7 26 37 47
R2
PA3(6)
I/O FT
PA3
USART2_RX/TIM5_CH4 /
TIM9_CH2 / TIM2_CH4 /
OTG_HS_ULPI_D0 /
ETH_MII_COL/
EVENTOUT
ADC123_IN3
18 F1 27 38 48
-
VSS_4
SVSS_4
H7
L4
REGOFF
I/O
REGOFF
19 E1 28 39 49
K4
VDD_4
SVDD_4
20 J8
29 40 50
N4
PA4(6)
I/O TT
PA4
SPI1_NSS / SPI3_NSS /
USART2_CK /
DCMI_HSYNC /
OTG_HS_SOF/ I2S3_WS/
EVENTOUT
ADC12_IN4
/DAC_OUT1
21 H6 30 41 51
P4
PA5(6)
I/O TT
PA5
SPI1_SCK/
OTG_HS_ULPI_CK /
TIM2_CH1_ETR/
TIM8_CHIN/ EVENTOUT
ADC12_IN5
/DAC_OUT2
22 H5 31 42 52
P3
PA6(6)
I/O FT
PA6
SPI1_MISO /
TIM8_BKIN/TIM13_CH1 /
DCMI_PIXCLK / TIM3_CH1
/ TIM1_BKIN/ EVENTOUT
ADC12_IN6
23 J7
32 43 53
R3
PA7(6)
I/O FT
PA7
SPI1_MOSI/ TIM8_CH1N /
TIM14_CH1
TIM3_CH2/
ETH_MII_RX_DV /
TIM1_CH1N /
RMII_CRS_DV /
EVENTOUT
ADC12_IN7
24 H4 33 44 54
N5
PC4(6)
I/O FT
PC4
ETH_RMII_RX_D0 /
ETH_MII_RX_D0/
EVENTOUT
ADC12_IN14
25 G3 34 45 55
P5
PC5(6)
I/O FT
PC5
ETH_RMII_RX_D1 /
ETH_MII_RX_D1 /
EVENTOUT
ADC12_IN15
26 J6
35 46 56
R5
PB0(6)
I/O FT
PB0
TIM3_CH3 / TIM8_CH2N/
OTG_HS_ULPI_D1/
ETH_MII_RXD2 /
TIM1_CH2N/ EVENTOUT
ADC12_IN8
27 J5
36 47 57
R4
PB1(6)
I/O FT
PB1
TIM3_CH4 / TIM8_CH3N/
OTG_HS_ULPI_D2/
ETH_MII_RXD3 /
TIM1_CH3N/ EVENTOUT
ADC12_IN9
Table 6.
STM32F20x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More