Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDO4K-RSSD Fiches technique(PDF) 4 Page - Teledyne Technologies Incorporated

No de pièce HDO4K-RSSD
Description  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

HDO4K-RSSD Fiches technique(HTML) 4 Page - Teledyne Technologies Incorporated

  HDO4K-RSSD Datasheet HTML 1Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 2Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 3Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 4Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 5Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 6Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 7Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 8Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
TOUCH SCReeN SIMPLICITy
Don’t waste time searching through a complex menu
structure to find the proper setting. Configuring the
HDO4000 is simple thanks to the intuitive touch screen
user interface. Everything on the screen is interactive. To
adjust channel, timebase, or trigger settings, simply touch
the associated descriptor box and the appropriate menu is
opened. Measurements can be touched to adjust their
settings and cursors can be positioned precisely by touch-
ing and dragging them to the proper location. A box can be
drawn around a portion of a waveform to create a zoom of
that waveform. Even waveform offset and delay can be
adjusted simply by touching and dragging the waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16