Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDO4K-RSSD Fiches technique(PDF) 3 Page - Teledyne Technologies Incorporated

No de pièce HDO4K-RSSD
Description  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

HDO4K-RSSD Fiches technique(HTML) 3 Page - Teledyne Technologies Incorporated

  HDO4K-RSSD Datasheet HTML 1Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 2Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 3Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 4Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 5Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 6Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 7Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 8Page - Teledyne Technologies Incorporated HDO4K-RSSD Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
DebUG IN HIGH DeFINITION WITH HD4096
Clean, Crisp Waveforms
When compared to waveforms
captured and displayed by 8-bit
oscilloscopes, waveforms captured
with HD4096 technology are
dramatically crisper and cleaner.
Oscilloscopes with HD4096 acquire
waveforms at high resolution, high
sample rate and low noise to display
the most accurate waveforms.
More Signal Details
Signal details often lost in the
noise are clearly visible and easy to
distinguish when captured on
oscilloscopes with HD4096. Details
which were previously difficult to
even see can now be easily seen and
measured. Using the oscilloscope
zoom capabilities gives an even closer
look at the details for unparalleled
insight to the signals on screen.
Unmatched
Measurement Precision
Precise measurements are critical for
effective debug and analysis. HD4096
enables oscilloscopes to deliver
unmatched measurement precision to
improve testing capabilities and provide
better results.
Oscilloscopes with HD4096 have a variety of benefits that
allow the user to debug in high definition. Waveforms
displayed by high definition oscilloscopes are cleaner and
crisper. More signal details can be seen and measured; these
measurements are made with unmatched precision resulting
in better test results and shorter debug time.
8-bit
12-bit
A
A
A
b
b
C
C
b
C
Clean, Crisp Waveforms | Thin traces show the actual waveform with minimal noise interference
Unmatched Measurement Precision | Measurements are more precise and not affected by quantization noise
More Signal Details | Waveform details lost on an 8-bit oscilloscope can now be clearly seen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16