Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8501GED/V Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc

No de pièce WM8501GED/V
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8501GED/V Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc

  WM8501GED/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Production Data
WM8501
w
PD, Rev 4.2, July 2009
3
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8501GED/V
-40 to +85oC
14-lead SOIC
(Pb-free)
MSL3
260°C
WM8501GED/RV
-40 to +85oC
14-lead SOIC
(Pb-free, tape and reel)
MSL3
260°C
Note:
Reel quantity = 3,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20