Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8501GED/V Fiches technique(PDF) 19 Page - Wolfson Microelectronics plc

No de pièce WM8501GED/V
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8501GED/V Fiches technique(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8501GED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 20Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Production Data
WM8501
w
PD, Rev 4.2, July 2009
19
PACKAGE DRAWING
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS (INCHES).
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM (0.010IN).
D. MEETS JEDEC.95 MS-012, VARIATION = AB. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
Symbols
Dimensions
(MM)
Dimensions
(Inches)
MIN
MAX
MIN
MAX
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.0130
0.0200
C
0.19
0.25
0.0075
0.0098
D
8.55
8.75
0.3367
0.3444
E
3.80
4.00
0.1497
0.1574
e
1.27 BSC
0.05 BSC
H
5.80
6.20
0.2284
0.2440
h
0.25
0.50
0.0099
0.0196
L
0.40
1.27
0.0160
0.0500
α
0
o
8
o
0
o
8
o
REF:
JEDEC.95, MS-012
0.10 (0.004)
SEATING PLANE
DM001.C
E
D: 14 PIN SOIC 3.9mm Wide Body
H
B
D
A
A1
C
h x 45o
-C-
8
7
1
14
α
L
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20