| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8351 Fiches technique(PDF) 15 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8351 Fiches technique(HTML) 15 Page - Wolfson Microelectronics plc |
|
15 / 330 page ![]() Production Data WM8351 w PD, April 2012, Rev 4.5 15 6 RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL MIN TYP MAX UNITS Digital Supply Range (Core) DCVDD 1.71 3.6 V Digital Supply Range (Buffer) DBVDD 1.71 3.6 V Headphone Supply Range HPVDD 2.5 3.6 V Analogue Supply Range AVDD 2.5 3.6 V Line Input Source LINE 2.95 5.5 V Battery Input Source BATT 2.95 4.2 V USB Input Source USB 4.75 5.25 V LDO Input Source VINA, VINB 0 5.5 V Ground GND, PGND, DGND, HPGND, REFGND, PG1, PG2, PG3, PG4 0 V |