| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8351 Fiches technique(PDF) 41 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8351 Fiches technique(HTML) 41 Page - Wolfson Microelectronics plc |
|
41 / 330 page ![]() Production Data WM8351 w PD, April 2012, Rev 4.5 41 Figure 28 Multiple Register Read from Specified Address using Auto-increment Figure 29 Multiple Register Read from Last Address using Auto-increment Multiple Write and Multiple Read operations enable the host processor to access sequential blocks of the data in the WM8351 register map faster than is possible with single register operations. The Auto- Increment function is enabled by default; this is controlled by the AUTOINC register bit as described in Table 3. ADDRESS BIT LABEL DEFAULT DESCRIPTION R6 (06h) Interface Control 9 AUTOINC 1 Enables address auto-increment 0 = disabled 1 = enabled Table 3 Enabling Address Auto-Increment |