Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8904ECS/R Fiches technique(PDF) 9 Page - Wolfson Microelectronics plc

No de pièce WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Fiches technique(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
9
PIN DESCRIPTION
NAME
WLCSP 6×6
QFN-32
TYPE
DESCRIPTION
IN1L / DMICDAT1
B3
27
Analogue / Digital Input
Left channel input 1 /
Digital microphone data input 1
IN2L
A2
26
Analogue Input
Left channel input 2
IN3L
C3
n/a
Analogue Input
Left channel input 3
IN1R / DMICDAT2
A1
25
Analogue / Digital Input
Right channel input 1 /
Digital microphone data input 2
IN2R
B2
24
Analogue Input
Right channel input 2
IN3R
C2
n/a
Analogue Input
Right channel input 3
MICBIAS
D1
20
Analogue Output
Microphone bias
MICVDD
E1
19
Supply
Microphone bias amp supply
HPOUTL
E3
13
Analogue Output
Left headphone output (line or headphone
output)
HPOUTR
E2
15
Analogue Output
Right headphone output (line or headphone
output)
HPOUTFB
F3
14
Analogue Input
Headphone output ground loop noise rejection
feedback
LINEOUTL
F2
16
Analogue Output
Left line output 1 (line output)
LINEOUTR
F1
18
Analogue Output
Right line output 1 (line output)
LINEOUTFB
D2
17
Analogue Input
Line output ground loop noise rejection
feedback
CPVDD
E6
7
Supply
Charge pump power supply
CPGND
F6
9
Supply
Charge pump ground
CPCA
E5
8
Analogue Output
Charge pump flyback capacitor pin
CPCB
F5
10
Analogue Output
Charge pump flyback capacitor pin
CPVOUTP
E4
11
Analogue Output
Charge pump positive supply decoupling
(powers HPOUTL/R, LINEOUTL/R)
CPVOUTN
F4
12
Analogue Output
Charge pump negative supply decoupling
(powers HPOUTL/R, LINEOUTL/R)
AVDD
B1
23
Supply
Analogue power supply (powers analogue
inputs, reference, ADC, DAC)
AGND
C1
22
Supply
Analogue power return
VMIDC
D3
21
Midrail voltage decoupling capacitor
DCVDD
D5
6
Supply
Digital core supply
DBVDD
C6
4
Supply
Digital buffer supply (powers audio interface
and control interface)
DGND
D6
5
Supply
Digital ground (return path for DCVDD and
DBVDD)
MCLK
A4
28
Digital Input
Master clock for CODEC
BCLK / GPIO4
C4
29
Digital Input / Output
Audio interface bit clock / GPIO4
LRCLK
A5
30
Digital Input / Output
Audio interface left / right clock (common for
ADC and DAC)
DACDAT
A6
32
Digital Input
DAC digital audio data
ADCDAT
B5
31
Digital Output
ADC digital audio data
SCLK
B6
2
Digital Input
Control interface clock input
SDA
D4
3
Digital Input / Output
Control interface data input / output
GPIO1 / IRQ
C5
1
Digital Input / Output
GPIO1 / Interrupt
GPIO2
B4
n/a
Digital Input / Output
GPIO2
GPIO3
A3
n/a
Digital Input / Output
GPIO3
GND_PADDLE
n/a
33
Die Paddle
Note:
1. It is recommended that the QFN ground paddle is connected to analogue ground on the application PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More