Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8904ECS/R Fiches technique(PDF) 37 Page - Wolfson Microelectronics plc

No de pièce WM8904ECS/R
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904ECS/R Fiches technique(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8904ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8904ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
37
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R46 (2Eh)
Analogue
Left Input 1
5:4
L_IP_SEL_N [1:0]
00
In Single-Ended or Differential Line
Modes, this field selects the input pin
for the inverting side of the left input
path.
In Differential Mic Mode, this field
selects the input pin for the non-
inverting side of the left input path.
00 = IN1L
01 = IN2L
1X = IN3L
3:2
L_IP_SEL_P [1:0]
01
In Single-Ended or Differential Line
Modes, this field selects the input pin
for the non-inverting side of the left
input path.
In Differential Mic Mode, this field
selects the input pin for the inverting
side of the left input path.
00 = IN1L
01 = IN2L
1X = IN3L
1:0
L_MODE [1:0]
00
Sets the mode for the left analogue
input:
00 = Single-Ended
01 = Differential Line
10 = Differential MIC
11 = Reserved
R47 (2Fh)
Analogue
Right Input
1
5:4
R_IP_SEL_N [1:0]
00
In Single-Ended or Differential Line
Modes, this field selects the input pin
for the inverting side of the right input
path.
In Differential Mic Mode, this field
selects the input pin for the non-
inverting side of the right input path.
00 = IN1R
01 = IN2R
1X = IN3R
3:2
R_IP_SEL_P [1:0]
01
In Single-Ended or Differential Line
Modes, this field selects the input pin
for the non-inverting side of the right
input path.
In Differential Mic Mode, this field
selects the input pin for the inverting
side of the right input path.
00 = IN1R
01 = IN2R
1X = IN3R
1:0
R_MODE [1:0]
00
Sets the mode for the right analogue
input:
00 = Single-Ended
01 = Differential Line
10 = Differential MIC
11 = Reserved
Table 2 Input PGA Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More