| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8740SEDS/RV Fiches technique(PDF) 11 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8740SEDS/RV Fiches technique(HTML) 11 Page - Wolfson Microelectronics plc |
|
11 / 27 page ![]() WM8740 Production Data w PD, Rev 4.4, April 2010 11 In a real application the designer is unlikely to have control of the relative power up sequence of AVDD and DVDD. Using the POR circuit to monitor VMIDLL ensures a reasonable delay between applying power to the device and Device Ready. Figure 5 and Figure 6 show typical power up scenarios in a real system. Both AVDD and DVDD must be established and VMIDL must have reached the threshold Vporr before the device is ready and can be written to. Any writes to the device before Device Ready will be ignored. Figure 5 shows DVDD powering up before AVDD. Figure 6 shows AVDD powering up before DVDD. In both cases, the time from applying power to Device Ready is dominated by the charge time of VMIDLL. In the case where AVDD is powered long before DVDD, thus allowing VMIDL to charge above Vporr, the PORB will not release until DVDD passes the Vpord threshold. This situation is shown in Figure 7. |