| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8740SEDS/RV Fiches technique(PDF) 9 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8740SEDS/RV Fiches technique(HTML) 9 Page - Wolfson Microelectronics plc |
|
9 / 27 page ![]() WM8740 Production Data w PD, Rev 4.4, April 2010 9 INTERNAL POWER ON RESET CIRCUIT Power On Reset Circuit 10K 10K Figure 4 Internal Power On Reset Circuit Schematic The WM8740 includes an internal Power On Reset Circuit which is used reset the digital logic into a default state after power up. Figure 4 shows a schematic of the internal POR circuit. The POR circuit is powered from AVDD. The circuit monitors DVDD and VMIDL and asserts PORB low if DVDD or VMIDL are below the minimum threshold Vpor_off. On power up, the POR circuit requires AVDD to be present to operate. PORB is asserted low until AVDD and DVDD and VMIDL are established. When AVDD, DVDD, and VMIDL have been established, PORB is released high, all registers are in their default state and writes to the digital interface may take place. On power down, PORB is asserted low whenever DVDD or VMIDLL drop below the minimum threshold Vpor_off. If AVDD is removed at any time, the internal Power On Reset circuit is powered down and PORB will follow AVDD. In most applications the time required for the device to release PORB high will be determined by the charge time of the VMIDLL node. Figure 5 Typical Power Up Sequence where DVDD is Powered before AVDD |