Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STI5262 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STI5262
Description  Advanced SD STB decoder with integrated DVB-T/DVB-C demodulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5262 Fiches technique(HTML) 2 Page - STMicroelectronics

  STI5262 Datasheet HTML 1Page - STMicroelectronics STI5262 Datasheet HTML 2Page - STMicroelectronics STI5262 Datasheet HTML 3Page - STMicroelectronics STI5262 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STi5262
2/4
Doc ID 17219 Rev 1
1
Introduction
The STi5262 is targeted at the latest Operator and CE manufacturer requirements for STBs
that use advanced SD decoding (H264/VC-1/MPEG2), and which conform to DVB, ISMA,
ATIS-IIF, SCTE, ATSC, ARIB, CEA, ITU, OpenCable and MSTV specifications.
The STi5262 provides a solution for operators to specify a range of low-cost, high
performance SD STBs including low-cost zappers, IP clients, interactive STBs, DVR
standalone and DVR server/home network-capable STBs, and with content delivery
possible using broadcast or broadband networks, or both (hybrid STBs).
The STi5262 offers current users of ST’s growing family of advanced decoding ICs
enhancements in performance and features, while reducing cost and time-to-market for the
next generation deployments.
Features
Benefits
Combines a configurable DVB-C/DVB-T
demodulator with STB decoding and display
functions.
This highly integrated SoC helps to reduce board
area and manufacturing cost, allowing low cost and
small size STBs to be designed for either DVB-C or
DVB-T networks.
ST40 applications CPU,
32K I cache, 32K D cache.
Superscalar performance from a single CPU core,
using standard tools and operating systems (Linux,
OS21).
STMicroelectronics’ video decoding system with
ST231 processor.
Decoding of advanced high definition standards for
MPEG2, H264, VC-1 broadcast, with the
performance and flexibility for web-based content
decoding such as Flash, DivX, MJPEG and Real.
Dual USB 2.0 hosts, optional e-SATA,
Ethernet MAC with MII/RMII and TMII,
PCI.
Extensive high speed connectivity for the widest
range of STB peripherals, such as Flash drives,
external HDDs, home network controllers (for
example MoCA, Wi-Fi), DOCSIS modem and so
on.
Low-power process, design and architecture.
Best-in-class, low-power standby mode, to meet
emerging energy standards for STBs. Dynamic
configuration of power to individual sub-systems
enables power-efficient active standby modes.
Advanced 2D graphics and display subsystem
which also supports 3D user interface effects
and 1080p60 display output.
Allows visually appealing user interfaces and video
rich navigation to be offered to consumers, while
high quality progressive output can be watched on
the latest high definition displays.



Html Pages

1 2 3 4