| Moteur de recherche de fiches techniques de composants électroniques |
|
STI5262 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI5262 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() Data brief For further information contact your local STMicroelectronics sales office. March 2010 Doc ID 17219 Rev 1 1/4 4 STi5262 Advanced SD STB decoder with integrated DVB-T/DVB-C demodulator Features ■ Combined DVB-T/-C receiver – Compatible with low to high IF tuners – DVB-T demodulation – DVB-C demodulation – DVB-CI compliant output – I²C serial bus interface ■ Advanced standard-definition video decoding (H264/VC-1/MPEG2/AVS) ■ Advanced multi-channel audio decoding (MPEG 1, 2, MP 3, DD/DD+, AAC/AAC+, and WMA9/WMA9pro) ■ Linux, Windows CE, and OS21 compatible ST40 applications CPU ■ 16-bit DDR1/DDR2 compatible local memory interface ■ Multi-stream, DVR capable transport stream processing ■ Connectivity through dual USB 2.0 hosts and optionally through Ethernet MAC/MII/RMII Description The STi5262 uses state-of-the-art process technology to provide a fully featured SD AVC, DVB-C, and DVB-T demodulator/decoder IC. It is a highly integrated system-on-chip, suitable for STB markets across cable, terrestrial, and terrestrial/IP hybrid networks worldwide. JTAG STB peripherals I/O Resets Analog out Clocks Modes PCM I/O S/PDIF out External interrupts Clock Gen System serv Peripherals SSC UART MAFE PWM Infrared Smartcard Connectivity Transport Security Denc Teletext DACs HDMI VTGs Analog video SD out Audio I/O Display DVP Video I/O Transport streams Parallel/serial in/out Audio decoder CPU Video decoder EMI SPI LMI System interfaces CPU/FPU MMU Interrupts I cache D cache Timer ST40 Debug STBus PCM players PCM reader DACs Dual FDMA Bdisp Blitter Flash, SFlash NOR, NAND USB DAA Demodulator DVB-T IF in Transport streams DVB-C DDR1/DDR2 Serial Flash Memory Flash, SFlash NOR, NAND Ethernet (option) www.st.com |
Numéro de pièce similaire - STI5262 |
|
Description similaire - STI5262 |