| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7580 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7580 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 33 page ![]() Physical layer ST7580 28/33 Doc ID 022644 Rev 1 In addition, during reception, each channel supports only a single modulation at a time, which can be one of the two listed below: 1. Any of the PSK modulations (specified by the mode field in PSK physical frame, Section 9.1.2 ) 2. FSK modulation, using the current FSK settings. Table 12 shows the allowed combinations for single channel and dual channel reception mode. Note that in case of FSK modulation on one channel and PSK on the other, the maximum FSK symbol rate is limited to 2400 baud. Table 12. ST7580 allowed settings combination for reception Reception mode High channel Low channel Single channel receiver Any PSK - Selected FSK - Dual channel receiver Any PSK Any PSK Selected FSK ( ≤2400 baud) Any PSK Any PSK Selected FSK ( ≤2400 baud) |