| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7570 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7570 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 26 page ![]() ST7570 Device overview Doc ID 17526 Rev 2 3/26 1 Device overview Realized using a multi-power technology with state-of-the-art VLSI CMOS lithography, the ST7570 is based on dual digital core architecture (a PHY processor engine and a protocol controller core) to guarantee outstanding communication performance with a high level of flexibility and programmability. The on-chip analog front end, featuring analog to digital and digital to analog conversion and automatic receiver gain control, plus the integrated Power Amplifier delivering up to 1Arms output current, makes the ST7570 the first complete system-on-chip for power line communication. Line coupling network design is also simplified, leading to a very low cost BOM. Safe and performing operations are guaranteed while keeping power consumption and distortion levels very low, thus making ST7570 an ideal platform for the most stringent application requirements and regulatory standards compliance. Figure 1. Block diagram |