Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC56EC64B3 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce SPC56EC64B3
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC64B3 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button SPC56EC64B3 Datasheet HTML 29Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 30Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 31Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 32Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 33Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 34Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 35Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 36Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
SPC564Bxx - SPC56ECxx
Package pinouts and signal descriptions
Doc ID 17478 Rev 4
33/118
PF[11]
PCR[91]
AF0
AF1
AF2
AF3
—
—
GPIO[91]
CS2_0
E1UC[3]
—
LIN4RX
WKPU[15]
SIUL
DSPI_0
eMIOS_1
—
LINFlexD_4
WKPU
I/O
O
I/O
—
I
I
STristate
47
55
R1
PF[12]
PCR[92]
AF0
AF1
AF2
AF3
GPIO[92]
E1UC[25]
LIN5TX
—
SIUL
eMIOS_1
LINFlexD_5
—
I/O
I/O
O
—
M/S
Tristate
43
51
P1
PF[13]
PCR[93]
AF0
AF1
AF2
AF3
—
—
GPIO[93]
E1UC[26]
—
—
LIN5RX
WKPU[16]
SIUL
eMIOS_1
—
—
LINFlexD_5
WKPU
I/O
I/O
—
—
I
I
STristate
49
57
P3
PF[14]
PCR[94]
AF0
AF1
AF2
AF3
ALT4
GPIO[94]
CAN4TX
E1UC[27]
CAN1TX
MDIO
SIUL
FlexCAN_4
eMIOS_1
FlexCAN_1
FEC
I/O
O
I/O
O
I/O
M/S
Tristate
126
150
D14
PF[15]
PCR[95]
AF0
AF1
AF2
AF3
—
—
—
—
GPIO[95]
E1UC[4]
—
—
RX_DV
CAN1RX
CAN4RX
EIRQ[13]
SIUL
eMIOS_1
—
—
FEC
FlexCAN_1
FlexCAN_4
SIUL
I/O
I/O
—
—
I
I
I
I
M/S
Tristate
125
149
D15
PG[0]
PCR[96]
AF0
AF1
AF2
AF3
ALT4
GPIO[96]
CAN5TX
E1UC[23]
—
MDC
SIUL
FlexCAN_5
eMIOS_1
—
FEC
I/O
O
I/O
—
O
FTristate
122
146
E13
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More