| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56EC64B3 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EC64B3 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 118 page ![]() Package pinouts and signal descriptions SPC564Bxx - SPC56ECxx 22/118 Doc ID 17478 Rev 4 PB[2] PCR[18] AF0 AF1 AF2 AF3 GPIO[18] LIN0TX SDA E0UC[30] SIUL LINFlexD_0 I2C eMIOS_0 I/O O I/O I/O M/S Tristate 176 208 A2 PB[3] PCR[19] AF0 AF1 AF2 AF3 — — GPIO[19] E0UC[31] SCL — WKPU[11] LIN0RX SIUL eMIOS_0 I2C — WKPU LINFlexD_0 I/O I/O I/O — I I STristate 1 1 D4 PB[4] PCR[20] AF0 AF1 AF2 AF3 — — GPI[20] — — — ADC0_P[0] ADC1_P[0] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 88 104 T16 PB[5] PCR[21] AF0 AF1 AF2 AF3 — — GPI[21] — — — ADC0_P[1] ADC1_P[1] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 91 107 N13 PB[6] PCR[22] AF0 AF1 AF2 AF3 — — GPI[22] — — — ADC0_P[2] ADC1_P[2] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 92 108 N14 PB[7] PCR[23] AF0 AF1 AF2 AF3 — — GPI[23] — — — ADC0_P[3] ADC1_P[3] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 93 109 R16 Table 5. Functional port pin descriptions (continued) Port pin PCR Function Pin number |