Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPZB260-PRO Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce SPZB260-PRO
Description  ZigBee® module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260-PRO Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button SPZB260-PRO Datasheet HTML 3Page - STMicroelectronics SPZB260-PRO Datasheet HTML 4Page - STMicroelectronics SPZB260-PRO Datasheet HTML 5Page - STMicroelectronics SPZB260-PRO Datasheet HTML 6Page - STMicroelectronics SPZB260-PRO Datasheet HTML 7Page - STMicroelectronics SPZB260-PRO Datasheet HTML 8Page - STMicroelectronics SPZB260-PRO Datasheet HTML 9Page - STMicroelectronics SPZB260-PRO Datasheet HTML 10Page - STMicroelectronics SPZB260-PRO Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SPZB260-PRO
Electrical characteristics
Doc ID 15614 Rev 1
7/15
4.3
RF electrical characteristics
Table 6.
RF electrical characteristics
Symbol
Parameter
Conditions
Values
Unit
Min.
Typ.
Max.
Frequency range
2.1 < Vdd < 3.6 V
2405
2480
MHz
TX
Output power
Vdd = 3.0 V, F = 2450 MHz
3
dBm
RX
Sensitivity
Vdd = 3.0 V, 1% PER
-95
dBm
CFE
Carrier frequency error
Vdd = 3.0 V -20 / + 70 °C
-40
40
ppm
Error Vector magnitude
Normal / boost mode
15
25
%
Adjacent channel rejection
+/- 5 MHz
+/- 10 MHZ
35
40
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15