| Moteur de recherche de fiches techniques de composants électroniques |
|
SPZB260-PRO Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPZB260-PRO Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 15 page ![]() Electrical characteristics SPZB260-PRO 6/15 Doc ID 15614 Rev 1 4 Electrical characteristics 4.1 DC electrical characteristics 4.2 DC I/O specification Table 4. DC electrical characteristics Symbol Parameter Conditions Values Unit Min. Typ. Max. IRX RX current (boost mode) Vdd = 3.0 V, T = 25 °C - 38 mA IRX RX current (normal mode) Vdd = 3.0 V, T = 25 °C - 36 mA ITX TX current (boost mode) Vdd = 3.0 V, T = 25 °C - 42 mA ITX TX current (normal mode) Vdd = 3.0 V, T = 25 °C - 36 mA IDS Deep sleep current 2.1 < Vdd < 3.6 V T = 25°C -1 μA Table 5. DC input / output specification Symbol Parameter Conditions Values Unit Min. Typ. Max. VIL Low level input voltage 2.1 < Vdd < 3.6 V 0 0.2 x Vdd V VIH High level input voltage 2.1 < Vdd < 3.6 V 0.8 x Vdd Vdd V Iil Input current for logic 0 2.1 < Vdd < 3.6 V -0.5 mA Iih Input current for logic 1 2.1 < Vdd < 3.6 V 0.5 mA Ripu Input pull-up resistor 30 k Ω Ripd Input pull-down resistor 30 k Ω VOL Low level output voltage 0 0.18 x Vdd V VOH High level output voltage 0.82 x Vdd Vdd V IOHS Output source current 4 mA IOLS Output sink current 4 mA IOHH Output source current (pin 15,16,17) 8 mA IOLH Output sink current (pin 15,16,17) 8 mA IOTot Total output current for I/O 40 mA |