| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7529 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7529 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 61 page ![]() TDA7529 Registers description Doc ID 13311 Rev 4 37/61 6.1 Data byte specification 6.1.1 Short_reg (0) Table 27. Short_reg (0) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 --- - - - - 0 1 Global PWR Power down the IC Power on the IC --- - - - 0 1 - GPIO enable all GPIO in tristate all GPIO enable --- - - 0 1 -- ADCen 6bit ADC on 6bit ADC off --- - 0 1 -- - ADCstart No conversion Starts a single AD conversion --- 0 1 -- - - ShPLL PLL register from 17 to 31 are valid PLL register from 33 to 47 are valid -- 0 1 --- - - ShAGC AGC TC register 16 is valid AGC TC register 32 is valid - X - --- - - Not used X - - --- - - Not used |