Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7529 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 53Page - STMicroelectronics TDA7529_11 Datasheet HTML 54Page - STMicroelectronics TDA7529_11 Datasheet HTML 55Page - STMicroelectronics TDA7529_11 Datasheet HTML 56Page - STMicroelectronics TDA7529_11 Datasheet HTML 57Page - STMicroelectronics TDA7529_11 Datasheet HTML 58Page - STMicroelectronics TDA7529_11 Datasheet HTML 59Page - STMicroelectronics TDA7529_11 Datasheet HTML 60Page - STMicroelectronics TDA7529_11 Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
TDA7529
Package information
Doc ID 13311 Rev 4
59/61
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 17.
LQFP64 (10x10x1.4mm) exposed pad down mechanical data and package
dimensions (exposed pad size for D2 and E2: 4.5mm max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61