| Moteur de recherche de fiches techniques de composants électroniques |
|
STA369BW Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA369BW Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 88 page ![]() STA369BW Register description Doc ID 022033 Rev 1 49/88 2.1 channels, two full-bridges + one external full-bridge (OCFG = 10) ● FFX1A -> OUT1A ● FFX1B -> OUT1B ● FFX2A -> OUT2A ● FFX2B -> OUT2B ● FFX3A -> OUT3A ● FFX3B -> OUT3B ● EAPD -> OUT4A ● TWARN -> OUT4B ● FFX1A/1B configured as ternary ● FFX2A/2B configured as ternary ● FFX3A/3B configured as ternary ● FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the external bridge control signals are muxed. In this configuration the PWM slot phase is the following as shown in Figure 27. Figure 27. 2.1 channels (OCFG = 10) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B AM045192v1 |